Part Number Hot Search : 
6701QX ON1516 0720EDJ 1N4755G C1683 BL55077 2SC3359P UPD43
Product Description
Full Text Search
 

To Download MAL204850102E3 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 048 RML
Vishay BCcomponents
Aluminum Capacitors Radial Miniature Long Life
FEATURES
* Polarized aluminum electrolytic capacitors, non-solid electrolyte * Radial leads, cylindrical aluminum case with pressure relief, insulated with a blue vinyl sleeve * Charge and discharge proof * Miniaturized, high CV-product per unit volume
Fig.1 Component outline
RoHS
COMPLIANT
* Very long useful life: 3000 to 4000 hours at 105 C, high reliability * Lead (Pb)-free versions are RoHS compliant
152 RMH
high voltage 116 RLL lower CV-values 048 RML miniaturized 148 RUS longer life lower Z 136 RVI miniaturized 150 RMI
APPLICATIONS
* EDP, telecommunication, industrial, automotive and audio-video * Smoothing, filtering, buffering in SMPS, timing * Portable and mobile equipment (small size, low mass)
QUICK REFERENCE DATA
DESCRIPTION Nominal case sizes (O D x L in mm) Rated capacitance range, CR Tolerance on CR Rated voltage range, UR Category temperature range Endurance test at 105 C Useful life at 105 C case O D = 10 and 12.5 mm case O D = 16 and 18 mm Useful life at 40 C, 1.6 x IR applied case O D = 10 and 12.5 mm case O D = 16 and 18 mm Shelf life at 0 V, 105 C Based on sectional specification Climatic category IEC 60068 200 000 hours 260 000 hours 1000 hours IEC 60384-4/EN130300 40/105/56 3000 hours 4000 hours VALUE 10 x 12 to 18 x 35 100 to 10 000 F 20 % 6.3 to 63 V - 40 to + 105 C 2000 hours
MARKING
The capacitors are marked (where possible) with the following information: * Rated capacitance (in F) * Tolerance on rated capacitance, code letter in accordance with IEC 60062 (M for 20 %) * Rated voltage (in V) * Date code, in accordance with IEC 60062 * Code indicating factory of origin * Name of manufacturer * Upper category temperature (105 C) * Negative terminal identification * Series number (048)
SELECTION CHART FOR CR, UR AND RELEVANT NOMINAL CASE SIZES (O D x L in mm)
CR (F) 100 220 330 470 1000 2200 3300 4700 6800 10 000 UR (V) 6.3 16 x 25 16 x 35 10 10 x 16 12.5 x 20 12.5 x 25 16 x 25 16 x 31 18 x 35 16 10 x 12 10 x 20 12.5 x 25 16 x 25 16 x 31 16 x 35 18 x 35 25 10 x 16 12.5 x 20 16 x 25 16 x 31 18 x 35 35 10 x 12 10 x 20 12.5 x 25 16 x 31 18 x 35 18 x 35 40 16 x 35 18 x 35 50 10 x 16 12.5 x 20 16 x 25 18 x 35 18 x 35 63 10 x 12 10 x 20 12.5 x 20 12.5 x 25 16 x 31 18 x 35 -
www.vishay.com 118
For technical questions, contact: aluminumcaps1@vishay.com
Document Number: 28318 Revision: 05-May-08
048 RML
Aluminum Capacitors Radial Miniature Long Life
DIMENSIONS in millimeters, AND AVAILABLE FORMS
Vishay BCcomponents
OD
OD
L
L
F
15 min.
4
Od 5 min.
+1 0
Od
F Fig.2 Form CA: Long leads Fig.3 Form CB: Cut leads Fig.4 Form TFA: Taped in box (ammopack)
Table 1
DIMENSIONS IN MILLIMETERS, MASS AND PACKAGING QUANTITIES
NOMINAL CASE SIZE ODxL 10 x 12 10 x 16 10 x 20 12.5 x 20 12.5 x 25 16 x 25 16 x 31 16 x 35 18 x 35 Note Detailed tape dimensions see section `PACKAGING'. CASE CODE 14 15 16 17 18 19 20 21 22 Od O Dmax. Lmax. F MASS (g) 1.6 1.9 2.2 4.0 5.0 8.0 9.0 11.5 14.5 PACKAGING QUANTITIES Form CA 1000 500 500 500 250 250 100 100 100 Form CB 500 500 500 500 250 250 100 100 100 Form TFA 800 800 800 500 500 250 250 -
0.6 0.6 0.6 0.6 0.6 0.8 0.8 0.8 0.8
10.5 10.5 10.5 13.0 13.0 16.5 16.5 16.5 18.5
13.5 17.5 22.0 22.0 27.0 27.0 33.5 37.5 37.5
5.0 0.5 5.0 0.5 5.0 0.5 5.0 0.5 5.0 0.5 7.5 0.5 7.5 0.5 7.5 0.5 7.5 0.5
Document Number: 28318 Revision: 05-May-08
For technical questions, contact: aluminumcaps1@vishay.com
www.vishay.com 119
048 RML
Vishay BCcomponents
Aluminum Capacitors Radial Miniature Long Life
ORDERING EXAMPLE
DESCRIPTION rated capacitance at 100 Hz, tolerance 20 % rated RMS ripple current at 100 Hz, 105 C max. leakage current after 1 minute at UR max. dissipation factor at 100 Hz max. impedance at 100 kHz
ELECTRICAL DATA
SYMBOL CR IR IL1 tan Z Note Unless otherwise specified, all electrical values in Table 2 apply at Tamb = 20 C, P = 86 to 106 kPa, RH = 45 to 75 %. Table 2
Electrolytic capacitor 048 series 2200 F/16 V; 20 % Nominal case size: O 12.5 x 25 mm; Form TFA Ordering code: MAL204835222E3 Former 12NC: 2222 048 35222
ELECTRICAL DATA AND ORDERING INFORMATION
UR (V) 6.3 CR 100 Hz (F) 6800 10 000 1000 2200 3300 4700 6800 10 000 470 1000 2200 3300 4700 6800 10 000 470 1000 2200 3300 4700 220 470 1000 2200 3300 4700 2200 3300 220 470 1000 2200 3300 100 220 330 470 1000 2200 DIMENSIONS ODxL (mm) 16 x 25 16 x 35 10 x 16 12.5 x 20 12.5 x 25 16 x 25 16 x 31 18 x 35 10 x 12 10 x 20 12.5 x 25 16 x 25 16 x 31 16 x 35 18 x 35 10 x 16 12.5 x 20 16 x 25 16 x 31 18 x 35 10 x 12 10 x 20 12.5 x 25 16 x 31 18 x 35 18 x 35 16 x 35 18 x 35 10 x 16 12.5 x 20 16 x 25 18 x 35 18 x 35 10 x 12 10 x 20 12.5 x 20 12.5 x 25 16 x 31 18 x 35 IR 100 Hz 105 C (mA) 1350 1700 470 800 1000 1270 1550 1870 360 600 1000 1220 1500 1690 1980 440 720 1120 1450 1720 310 500 900 1340 1600 1950 1500 1600 340 620 1030 1500 1900 240 400 550 700 1150 1600 IL1 1 min (A) 430 630 100 220 330 470 680 1000 78 160 360 530 760 1100 1600 120 250 550 830 1200 80 170 350 770 1200 1600 880 1300 110 240 500 1100 1700 66 140 210 300 630 1400 tan 100 Hz 0.32 0.40 0.19 0.21 0.23 0.25 0.29 0.37 0.16 0.16 0.18 0.20 0.22 0.26 0.34 0.14 0.14 0.16 0.18 0.20 0.12 0.12 0.12 0.14 0.16 0.18 0.13 0.15 0.10 0.10 0.10 0.12 0.14 0.09 0.09 0.09 0.09 0.09 0.11 Z 100 kHz (m) 56 42 180 90 68 56 45 36 250 140 70 56 45 42 34 180 100 56 45 36 280 150 75 45 36 34 45 36 250 110 60 50 40 310 200 120 80 49 45 ORDERING NUMBER MAL2048....... BULK PACKAGING Form CA 53682E3 53103E3 54102E3 54222E3 54332E3 54472E3 54682E3 54103E3 55471E3 55102E3 55222E3 55332E3 55472E3 55682E3 55103E3 56471E3 56102E3 56222E3 56332E3 56472E3 50221E3 50471E3 50102E3 50222E3 50332E3 50472E3 57222E3 57332E3 51221E3 51471E3 51102E3 51222E3 51332E3 58101E3 58221E3 58331E3 58471E3 58102E3 58222E3 Form CB 63682E3 63103E3 64102E3 64222E3 64332E3 64472E3 64682E3 64103E3 65471E3 65102E3 65222E3 65332E3 65472E3 65682E3 65103E3 66471E3 66102E3 66222E3 66332E3 66472E3 60221E3 60471E3 60102E3 60222E3 60332E3 60472E3 67222E3 67332E3 61221E3 61471E3 61102E3 61222E3 61332E3 68101E3 68221E3 68331E3 68471E3 68102E3 68222E3 TAPED Form TFA 33682E3 34102E3 34222E3 34332E3 34472E3 34682E3 35471E3 35102E3 35222E3 35332E3 35472E3 36471E3 36102E3 36222E3 36332E3 30221E3 30471E3 30102E3 30222E3 31221E3 31471E3 31102E3 38101E3 38221E3 38331E3 38471E3 38102E3 -
10
16
25
35
40
50
63
www.vishay.com 120
For technical questions, contact: aluminumcaps1@vishay.com
Document Number: 28318 Revision: 05-May-08
048 RML
Aluminum Capacitors Radial Miniature Long Life
Vishay BCcomponents
ADDITIONAL ELECTRICAL DATA
PARAMETER Voltage Surge voltage Reverse voltage Current Leakage current Inductance Equivalent series inductance (ESL) Resistance Equivalent series resistance (ESR) Case O D = 10 mm Case O D 12.5 mm Calculated from tan max. and CR (see Table 2) typ. 16 nH typ. 18 nH ESR = tan /2 f CR CONDITIONS Us 1.15 UR Urev 1 V After 1 minute at UR After 5 minutes at UR IL1 0.01 CR x UR + 3 A IL5 0.002 CR x UR + 3 A VALUE
CAPACITANCE (C)
1.2 C C0 1.1 2 0.8 1.2 C C0 1.0 5 4 3 2 1 Curve 1: 10 V Curve 2: 16 V Curve 3: 25 V Curve 4: 50 V Curve 5: 63 V
1
1.0
0.6
2 0.9 1 0.8 - 60 - 40 - 20 0 20 40 60 80 100 120 Curve 1: 6.3 V Curve 2: 63 V
0.4
0.2
0 - 60 - 40 - 20 0 20 40 60 80 100 120
C0 = capacitance at 20 C, 100 Hz
Tamb (20 C)
C0 = capacitance at 20 C, 100 Hz
Tamb (20 C)
Fig.5 Typical multiplier of capacitance as a function of ambient temperature
Fig.6 Typical multiplier of capacitance as a function of ambient temperature
EQUIVALENT SERIES RESISTANCE (ESR)
1.2 C C0 1.0
2.0 ESR
1 2 3
ESR0 1.6
0.8
1.2
Curve 1: 6.3 V Curve 2: 16 V Curve 3: 35 V Curve 4: 50 V Curve 5: 63 V
0.6
3 2 1
0.8
0.4 Curve 1: 10 V; case O D = 10 mm Curve 2: 6.3 V; case O D 16 mm Curve 3: 63 Vcase O
0.4
0.2
1 2 3 4 5
0 - 60 - 40 - 20 0 20 40 60 80 100 120
0 10 102 103 104 105
C0 = capacitance at 20 C, 100 Hz
Tamb (20 C)
ESR0 = typical at 20 C, 100 Hz
f (Hz)
Fig.7 Typical multiplier of ESR as a function of ambient temperature
Fig.8 Typical multiplier of ESR as a function of frequency
Document Number: 28318 Revision: 05-May-08
For technical questions, contact: aluminumcaps1@vishay.com
www.vishay.com 121
048 RML
Vishay BCcomponents
Aluminum Capacitors Radial Miniature Long Life
IMPEDANCE (Z)
102 Z Z0 1 10 2
1 102
Curve 1: case O D = 10 mm Curve 2: case O D = 16 mm
Z () 10
Curve 1: 470 F, 16 V; O D = 10 x 12 mm Curve 2: 1000 F, 10 V; O D = 10 x 16 mm Curve 3: 1000 F, 16 V; O D = 10 x 20 mm Curve 4: 2200 F, 16 V; O D = 12.5 x 25 mm Curve 5: 3300 F, 16 V; O D = 16 x 25 mm Curve 6: 6800 F, 6.3 V; O D = 16 x 25 mm
1 1 2
10
-1
1 2 3 4 5 6
10
-1
10-2
- 60
- 40
- 20
0
20
40
60
80
100
120
10
102
103
104
f (Hz)
105
Z0 = typical impedance at 20 C, 10 kHz
Tamb (20 C)
Tamb (20 C)
Fig.9 Typical multiplier of impedance as a function of ambient temperature
Fig.10 Typical impedance as a function of frequency
102 Z () 10
Curve 1: 220 F, 35 V; O D = 10 x 12 mm Curve 2: 330 F, 35 V; O D = 10 x 16 mm Curve 3: 470 F, 25 V; O D = 10 x 16 mm Curve 4: 470 F, 35 V; O D = 10 x 20 mm Curve 5: 1000 F, 25 V; O D = 12.5 x 20 mm Curve 6: 1000 F, 35 V; O D = 12.5 x 25 mm Curve 6: 3300 F, 25 V; O D = 16 x 31 mm
102 Z () 10 Curve 1: 100 F, 63 V; O D = 10 x 12 mm Curve 2: 220 F, 50 V; O D = 10 x 16 mm Curve 3: 220 F, 63 V; O D = 10 x 20 mm Curve 4: 330 F, 63 V; O D = 12.5 x 20 mm Curve 5: 470 F, 50 V; O D = 12.5 x 20 mm Curve 6: 470 F, 63 V; O D = 12.5 x 25 mm
1 1 2 3 4 5 6 7 10 102 103 104 f (Hz) 105
1 1 2
10
-1
10
-1
10-2
10-2
Curve 7: 1000 F, 63 V; O D = 16 x 31 mm Curve 8: 1000 F, 40 V; O D = 16 x 35 mm 10 102 103
3 4 5 6 7 8 104
f (Hz)
105
Tamb (20 C)
Tamb (20 C)
Fig.11 Typical impedance as a function of frequency
Fig.12 Typical impedance as a function of frequency
www.vishay.com 122
For technical questions, contact: aluminumcaps1@vishay.com
Document Number: 28318 Revision: 05-May-08
048 RML
Aluminum Capacitors Radial Miniature Long Life
RIPPLE CURRENT AND USEFUL LIFE
3.8 3.7 IA IR 3.6 3.5 3.4 3.3 3.2 3.1 3.0 2.8 2.6
0 1.
Vishay BCcomponents
CCC206
lifetime multiplier
2.4
5 1.
2.2
0 3. 0 4.
0 2.
2.0
0 6.
1.8 1.6
20 12
0 8.
IA = actual ripple current at 100 Hz IR = rated ripple current at 100 Hz, 105 C (1) Useful life at 105 C and IR applied (see table 4)
1.4 1.2 1.0 0.8 0.5 0.0
30 60 0 10 0 15 0 20
(1)
40
50
60
70
80
90
100 110 Tamb (C)
Fig.13 Multiplier of useful life as a function of ambient temperature and ripple current load
Table 3
MULTIPLIER OF RIPPLE CURRENT (IR) AS A FUNCTION OF FREQUENCY
FREQUENCY (Hz) 50 100 300 1000 3000 10 000 IR MULTIPLIER UR = 6.3 to 25 V 0.95 1.00 1.07 1.12 1.15 1.20 UR = 35 and 40 V 0.85 1.00 1.20 1.30 1.35 1.40 UR = 50 and 63 V 0.80 1.00 1.25 1.40 1.50 1.60
Document Number: 28318 Revision: 05-May-08
For technical questions, contact: aluminumcaps1@vishay.com
www.vishay.com 123
048 RML
Vishay BCcomponents
Aluminum Capacitors Radial Miniature Long Life
TEST PROCEDURES AND REQUIREMENTS
TEST NAME OF TEST Endurance REFERENCE IEC 60384-4/ EN130300 subclause 4.13 PROCEDURE (quick reference) Tamb = 105 C; UR applied; 2000 hours REQUIREMENTS UR 6.3 V; C/C: + 15/- 30 % UR > 6.3 V; C/C: 15 % tan 1.3 x spec. limit Z 2 x spec. limit IL5 spec. limit Useful life CECC 30301 subclause 1.8.1 Tamb = 105 C; UR and IR applied; case O D = 10 and 12.5 mm: 3000 hours case O D = 16 and 18 mm: 4000 hours UR 6.3 V; C/C: + 45/- 50 % UR > 6.3 V; C/C: 45 % tan 3 x spec. limit Z 3 x spec. limit IL5 spec. limit no short or open circuit total failure percentage: 1 % Shelf life (storage at high temperature) IEC 60384-4/ EN130300 subclause 4.17 Tamb = 105 C; no voltage applied; 1000 hours after test: UR to be applied for 30 minutes, 24 to 48 hours before measurement UR 6.3 V; C/C: + 15/- 30 % UR > 6.3 V; C/C: 15 % tan 1.3 x spec. limit Z 2 x spec. limit IL5 2 x spec. limit
www.vishay.com 124
For technical questions, contact: aluminumcaps1@vishay.com
Document Number: 28318 Revision: 05-May-08
Legal Disclaimer Notice
Vishay
Disclaimer
All product specifications and data are subject to change without notice. Vishay Intertechnology, Inc., its affiliates, agents, and employees, and all persons acting on its or their behalf (collectively, "Vishay"), disclaim any and all liability for any errors, inaccuracies or incompleteness contained herein or in any other disclosure relating to any product. Vishay disclaims any and all liability arising out of the use or application of any product described herein or of any information provided herein to the maximum extent permitted by law. The product specifications do not expand or otherwise modify Vishay's terms and conditions of purchase, including but not limited to the warranty expressed therein, which apply to these products. No license, express or implied, by estoppel or otherwise, to any intellectual property rights is granted by this document or by any conduct of Vishay. The products shown herein are not designed for use in medical, life-saving, or life-sustaining applications unless otherwise expressly indicated. Customers using or selling Vishay products not expressly indicated for use in such applications do so entirely at their own risk and agree to fully indemnify Vishay for any damages arising or resulting from such use or sale. Please contact authorized Vishay personnel to obtain written terms and conditions regarding products designed for such applications. Product names and markings noted herein may be trademarks of their respective owners.
Document Number: 91000 Revision: 18-Jul-08
www.vishay.com 1


▲Up To Search▲   

 
Price & Availability of MAL204850102E3

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X